PART |
Description |
Maker |
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
0001.2704.XX 0001.2705.XX 0001.2706.XX 0001.2707.X |
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating FUSE 6.3A 250V 5X20T-LAG SMD TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 150VDC, 1500A (IR), SURFACE MOUNT
|
Schurter Inc. SCHURTER AG
|
F0402G0R15FNTR F0402G0R10FNTR F0402G0R20FNTR F0402 |
ELECTRIC FUSE, 0.15A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.1A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.2A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.075A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.125A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.062A, 32VAC, 32VDC, SURFACE MOUNT ELECTRIC FUSE, 0.05A, 32VAC, 32VDC, SURFACE MOUNT PC Board Fuse; Current Rating:0.25A; Voltage Rating:63V; Fuse Terminals:SMT Caps; Leaded Process Compatible:No; Package/Case:1206; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Series:F1206; Voltage Rating:63V RoHS Compliant: No PC Board Fuse; Current Rating:2A; Voltage Rating:63V; Fuse Terminals:SMT Caps; Leaded Process Compatible:No; Package/Case:1206; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Series:F1206; Voltage Rating:63V RoHS Compliant: No
|
AVX, Corp. AVX CORP
|
MFU0603FF01250P100 MFU1206FF00500P100 MFU1206FF006 |
Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 1.25A, 32VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.5A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.63A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 0.75A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT MFU Series Thin Film Chip Fuses Electric Fuse, VERY FAST BLOW ELECTRIC FUSE, 1.25A, 63VDC, 50A (IR), SURFACE MOUNT, HALOGEN FREE AND ROHS COMPLIANT Thin Film Chip Fuses
|
Vishay Beyschlag Vishay Siliconix
|
0459.375UR 0459.375ER 0459.500UR 0459.500ER 0459.7 |
Surface Mount Fuses PICO? SMF Fuse > 459 Series Surface Mount Fuses PICO SMF Fuse > 459 Series PICO Very Fast-Acting Surface Mount Fuse
|
Littelfuse
|
TR/3216FF1-R |
FUSE 1A 63V FAST SMD 1206 FAST BLOW ELECTRIC FUSE, 1A, 32VAC, 63VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc.
|
NFVC6125F5R00TRF NFVC6125F15R0TRF NFVC6125F1R25TRF |
Surface Mount Fuse
|
NIC-Components Corp.
|
NFSC06502ABTPF NFSC06501ABTPF NFSC06402ABTPF NFSC0 |
Surface Mount Fuse
|
NIC-Components Corp.
|
C2Q12 |
Surface Mount Very Fast-Acting Chip Fuse
|
Bel Fuse Inc.
|
C1S750 C1S C1S5 C1S1 C1S1.25 C1S1.5 C1S2 C1S2.5 C1 |
Surface Mount Slow Blow Chip Fuse
|
BEL[Bel Fuse Inc.]
|
C2Q375 C2Q300 C2Q250 C2Q1 C2Q750 C2Q C2Q1.25 C2Q1. |
Surface Mount Very Fast-Acting Chip Fuse
|
BEL[Bel Fuse Inc.]
|
|